Part Number Hot Search : 
PKD01FPZ 623P6XA2 B6563 C440PM 1N5811U FA221 MB158W N1212
Product Description
Full Text Search
 

To Download PN2222A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
PN2222A
Through Hole Package Capable of 600mWatts of Power Dissipation
Pin Configuration Bottom View
NPN General Purpose Amplifier
TO-92
A 40 75 6.0 20 10 Vdc Vdc Vdc nAdc nAdc B E
C
B
E
Electrical Characteristics @ 25C Unless Otherwise Specified
Symbol Parameter Collector-Emitter Breakdown Voltage* (I C=10mAdc, IB=0) Collector-Base Breakdown Voltage (I C=10Adc, IE=0) Emitter-Base Breakdown Voltage (I E=10Adc, IC=0) Base Cutoff Current (VCE=60Vdc, VBE=3.0Vdc) Collector Cutoff Current (VCE=60Vdc, VBE=3.0Vdc) DC Current Gain* (I C=0.1mAdc, VCE=10Vdc) (I C=1.0mAdc, VCE=10Vdc) (I C=10mAdc, VCE=10Vdc) (I C=150mAdc, VCE=10Vdc) (I C=150mAdc, VCE=1.0Vdc) (I C=500mAdc, VCE=10Vdc) Collector-Emitter Saturation Voltage (I C=150mAdc, IB=15mAdc) (I C=500mAdc, IB=50mAdc) Base-Emitter Saturation Voltage (I C=150mAdc, IB=15mAdc) (I C=500mAdc, IB=50mAdc) Current Gain-Bandwidth Product (I C=20mAdc, VCE=20Vdc, f=100MHz) Output Capacitance (VCB=10Vdec, IE=0, f=100kHz) Input Capacitance (VBE=0.5Vdc, IC=0, f=100kHz) Noise Figure (IC=100Adc, VCE=10Vdc, RS=1.0k f=1.0kHz) Delay Time (VCC=30Vdc, VBE=0.5Vdc Rise Time IC=150mAdc, IB1=15mAdc) Storage Time (VCC=30Vdc, IC=150mAdc Fall Time IB1=IB2=15mAdc) 300s, Duty Cycle 2.0% Min Max Units
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO IBL ICEX
ON CHARACTERISTICS
hFE C 35 50 75 100 50 40
300
VCE(sat)
0.3 1.0 0.6 1.2 2.0
Vdc
D
VBE(sat)
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT Cobo Cibo NF 300 8.0 25 4.0 MHz pF pF dB
DIM A B C D E G INCHES MIN .175 .175 .500 .016 .135 .095 DIMENSIONS MM MIN 4.45 4.46 12.7 0.41 3.43 2.42
G
SWITCHING CHARACTERISTICS
td tr ts tf *Pulse Width 10 25 225 60 ns ns ns ns
MAX .185 .185 --.020 .145 .105
MAX 4.70 4.70 --0.63 3.68 2.67
NOTE
www.mccsemi.com
PN2222A
DC Current Gain vs Collector Current 480 VCE = 5.0V 400 6 320 hFE 240 160 2 80 0 0.1 1 IC (mA) Collector Current vs Collector-Emitter Voltage 250 IB = 4mA 200 IC - (mA) 150 IB = 2mA 600 IB = 3mA PD(MAX) - (mW) 400 800 10 100 10 20 30 IC - (mA) 4 15A 10A 5A 8 35A 30A 25A 20A
MCC
Collector Current vs Collector-Emitter Voltage
40
50
VCE- (V) Maximum Power Dissipation vs Ambient Temperature
TO-92
100
IB = 1mA
200 SOT-23 0
50 0 .5 1.0 VCE - (V) Contours of Constant Gain Bandwidth Product (fT) 24 20 16 VCE - (V) 12 8 4 0 0.1 pF 1.5 2.0
0
50
100 TA - (C)
150
200
Input and Output Capacitance vs Reverse Bias Voltage 12 10 f = 1.0MHz CIB
8
6 COB 4 2 0.1
1.0
10
100
IC - (mA) *50MHz increments from 150 to 250MHz and 260MHz
1.0 Volts - (V)
10
www.mccsemi.com
PN2222A
Base Saturation Voltage vs Collector Current 1.4 1.0 .6 VBE(SAT) - (V) .1 .06 hfe=10 VCE(SAT) - (V) .1 .06 1.4 1.0 .6
MCC
Collector Saturation Voltage vs Collector Current IC/IB = 10
hfe=20
TA = 125C TA = 25C
.01 1.0
10 IC - (mA)
100
1000
.01 0.1
1.0
10 IC - (mA)
100
Base Saturation Voltage vs Collector Current 14 10 6 VBE(SAT) - (V) 1 0.6 TA=25C VCE(SAT) - (V) .1 .06 IC/IB = 10 4
Collector Saturation Voltage vs Collector Current TA = 25C 1 .6
hfe=20 hfe=10
TA=125C 0.1 1.0 10 IC - (mA) 100 1000 .01 0.1 1.0
10 IC - (mA)
100
Switching Times vs Collector Current 1000 IB1 = IB2 = IC/10 ts 100 T - (ns) tr 10 tf td 1.0 1.0 10 IC - (mA) 100
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of PN2222A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X